Part Number Hot Search : 
IDD23E60 SMBJ110 IRF780 IRF780 PC354N1 LB101 C35005 1N2999B
Product Description
Full Text Search
 

To Download QTLP600C-RAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT LED LAMP
SUPER BRIGHT 0606
QTLP600C-RY Red/Yellow QTLP600C-RAG Red/Yellow-Green
PACKAGE DIMENSIONS
0.075 (1.9)
0.063 (1.6)
0.035 (0.9)
TOP
0.047 (1.2) 0.012 (0.3) 0.032 [0.8]
SIDE
0.043 [1.1]
1
3
0.020 [0.5]
2
4
BOTTOM
CATHODE MASK
1 2
3 4
Red Yellow / Yellow-Green
POLARITY
APPLICATIONS
* Keypad backlighting * Push-button backlighting * LCD backlighting
NOTE: Dimensions for all drawings are in inches (mm).
DESCRIPTION
These super bright bi-color surface mount chip LEDs are designed to fit industry standard footprint. Small size, low profile and wide viewing angle make these LEDs ideal for backlighting applications and panel illumination.
FEATURES
* Miniature footprint - 1.9(L) X 1.6(W) X 0.8(H) mm * AllnGaP technology * Wide viewing angle of 130 * Water clear optics * Moisture-proof packaging * Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
2001 Fairchild Semiconductor Corporation DS300086 8/30/01
1 OF 6
www.fairchildsemi.com
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0606
QTLP600C-RY Red/Yellow QTLP600C-RAG Red/Yellow-Green
ABSOLUTE MAXIMUM RATINGS
Parameter Continuous Forward Current Peak Forward Current (f = 1.0 KHz, Duty Factor = 1/10) Reverse Voltage Power Dissipation Operating Temperature Storage Temperature Lead Soldering Time Symbol IF IFM VR PD TOPR TSTG TSOL
(TA =25C Unless otherwise specified) QTLP600C -RY 30 / 25 160 / 120 5 72 / 60 -40 to +85 -40 to +90 260 for 5 sec -RAG 30 / 30 160 / 160 5 72 / 72 Units mA mA V mW C C C
ELECTRICAL / OPTICAL CHARACTERISTICS
Parameter Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Maximum Typical Wavelength (nm) Peak Dominant Spectral Line Half Width (nm) Viewing Angle () Symbol -RY
(TA =25C) QTLP600C -RAG 10 / 8 30 / 15 2.4 / 2.4 2.0 / 2.0 630 / 575 624 / 573 20 / 20 130 Units
IV
10 / 10 30 / 30 2.4 / 2.4 2.0 / 2.0 630 / 590 624 / 589 20 / 15 130
IF = 20mA
VF
IF = 20mA
P D
IF = 20mA IF = 20mA IF = 20mA
2
1/2
www.fairchildsemi.com
2 OF 6
8/30/01
DS300086
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0606
QTLP600C-RY Red/Yellow QTLP600C-RAG Red/Yellow-Green
TYPICAL PERFORMANCE CURVES
Fig. 1 Forward Current vs. Forward Voltage
100 90 80 70 60 50 40 30 20 10 0 1.0 1.5 2.0 2.5 3.0 2.5
Fig. 2 Relative Luminous Intensity vs. DC Forward Current
RELATIVE LUMNOUS INTENSITY (NORMALIZED AT 20 mA)
IF - FORWARD CURRENT (mA)
2.0
1.5
1.0
0.5 0.0 0 10 20 30 40 50
VF - FORWARD VOLTAGE (V)
IF - DC FORWARD CURRENT (mA)
Fig. 3 Relative Intensity vs. Peak Wavelength
1.0 AG Y R
RELATIVE INTENSITY
0.5
0 500 550 600 650 700
WAVELENGTH (nm)
Fig.4 Radiation Diagram
50
Fig.5 Maximum Forward Current vs. Ambient Temperature
IF - FORWARD CURRENT (mA)
40 R and AG 30 Y
-30 -40 -50 -60 -70 -80
-20 -10
0 10 20
30 40 50 60 70 80
20
10
-90 1.0 0.8 0.6 0.4
0.2 0
0.2
0.4 0.6 0.8 1.0
90
0 0 20 40 60 80 100
REL. LUMINOUS INTENSITY (%)
AMBIENT TEMPERATURE TA (C)
DS300086
8/30/01
3 OF 6
www.fairchildsemi.com
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0606
QTLP600C-RY Red/Yellow QTLP600C-RAG Red/Yellow-Green
RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
0.075 (1.9)
0.035 (0.9) 0.024 (0.6) 0.043 (1.1)
RECOMMENDED IR REFLOW SOLDERING PROFILE
5 sec MAX soldering time
240 C MAX
+5 C/s MAX
-5 C/s MAX
60 - 120 sec Preheating
120 - 150 C MAX
www.fairchildsemi.com
4 OF 6
8/30/01
DS300086
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0606
QTLP600C-RY Red/Yellow QTLP600C-RAG Red/Yellow-Green
TAPE AND REEL DIMENSIONS
8.4
5 0. 2.5
+1.5 -0.0 +0.5 -0.0
11.0
O12.75
+0.25 -0.0
Progressive direction
1.75
2.00.05 4.0 O1.55.05 0.250.1
2.5 0 0.5
O62.00.5
O1801
3.50.05
8.0
2.390.05
1.27 4.0 1.63
Polarity
Dimensional tolerance is 0.1mm unless otherwise specified Angle: 0.5 Unit: mm
DS300086
8/30/01
5 OF 6
www.fairchildsemi.com
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0606
QTLP600C-RY Red/Yellow QTLP600C-RAG Red/Yellow-Green
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
6 OF 6
8/30/01
DS300086


▲Up To Search▲   

 
Price & Availability of QTLP600C-RAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X